Part Number Hot Search : 
BAS116 LM2935 CA2902E MSK4890H 1N5250 COACH10S APA2037 AL1101
Product Description
Full Text Search
 

To Download SS460S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ss360nt/ss360st/SS460S high sensitivity bipolar latching digital hall - effect sensor ics description the ss360nt/ss360st / SS460S high sensitivity bipolar latching digital h all - effect sensor ics are small, sensitive and versatile devices that are operated by the magnetic field from a permanent magnet or an electromagnet . they are designed to res pond to alternating north and south poles. the ss360nt is turned on by a north pole while the ss360st and SS460S are turned on by a south pole. the ss360nt/ss360st/SS460S offers reliable switching points with a high magnetic sensitivity of 30 g typ ical (5 5 g maximum). this sensor ic does not use chopper stabilization on the hall element , provid ing a clean output signal and a faster latch response time when compared to competitiv e high sensitivity hall - effect bipolar latching sensor ics which do use chopper stabilization. th ese products offer reverse polarity protection , deliver a st able output over a - 40 c to 150 c [ - 40 f to 302 f] temperature range, and can accept any dc supply voltage from 3 vdc to 24 vdc . for brushless dc motor manufacturers that need latching sensors with reliable, consistent performance for more efficient and smaller designs, honeywells new family of high sensitivity hall - effect bipolar latch ing sensor ics responds to low magnetic fields and offers consistent repeatability whil e delivering faster response times to a change in magnetic field for better motor efficiency . these hall - effect devices are available in two package styles : the ss360nt and ss360st in the m iniature sot - 23 surface mount package and the SS460S in the leaded , flat to - 92 - style package. the ss360nt and ss360st are available on tape and reel (3000 units per reel) . t he SS460S is available in a bulk package (1000 units per bag) . features and benefit s fastest response time in its class : provides more efficienc y in commutating a brushless dc motor no chopper stabilization: r esult s in a clean output signal high sensitivity: operate s from only 30 gauss typical, at 25c [77 f] and 55 gauss maximum over the full - 40 c to 150 c [ - 40 f to 302 f] temperature rang e, allowing for the use of smaller, magnets or a wider air gap bipolar latching magnetics: makes these products well - suited for accurate speed sensing and rpm (revolutions per minute) measurement sub - miniature, sot - 23 surface mount package (ss360nt/ss360st ) supplied on tape and reel: allows for compact design with automated component placement small, leaded, flat to - 92 - style package (SS460S): allows for a compact pc board layout wide operating voltage range of 3 vdc to 24 vdc : a llows for potential use in a wide range of applications built - in reverse voltage: enhances the protection of the sensor and the circuits durable design: allows operation up to 150 c [302 f] rohs - compliant material meet s directive 2002/95
ss360nt/ss360st/SS460S 2 www.honeywell.com/sensing potential applicatio ns industrial / comme rcial brushless dc motor commutation flow - rate sensing for appliances speed and rpm sensing tachometer, counter pickup motor and fan control robotics control transportation speed and rpm sensing tachometer, counter pickup motor and fan control electro nic window lift convertible roof position medical m edical equipment using electric motors table 1. ss360nt/ss360st / SS460S performance specifications ( at 3 vdc to 24 vdc supply , 20 ma load , t a = - 40 o c to 1 50 o c [ - 40 o f to 302 o f] except where otherwi se specified. ) characteristic condition min . typ . max . unit supply voltage - 40 c to 150 c [ - 40 f to 302 f] 3 C 24 v dc supply c urrent vsupply = 3 v at 25 c [77 f] C C C 3.5 C 6 8 ma vsat g auss >55 C C 0.6 v output leakage current ga uss >55 C C 10 a rise/fall time vsupply = 12 v at 25 c [77 f] C C 1.5 s thermal resistance : SS460S (flat to - 92 - style) ss360nt/ss360st (sot - 23) C C C 233 303 C C c/w operate - 40 c to 125 c [ - 40 f to 257 f] 5 30 5 5 gauss release - 40 c to 125 c [ - 40 f to 257 f] - 5 5 - 3 0 - 5 gauss differential - 40 c to 125 c [ - 40 f to 257 f] 40 6 0 80 gauss operating temperature vsupply = 3 vdc to 24 vdc - 40 [ - 40] C 150 [ 302 ] c [ f] storage temperature C - 40 [ - 40] C 165 [329 ] c [ f] notice bipolar hall - effec t sensor ics may have an initial output in either the on or off state if powered up with an applied magnetic field in the differential zone (applied magnetic field >brp and SS460S absolute maximum ratings 1 characteristic min . typ . max . unit supply voltage - 26.0 C 26 .0 v applied output voltage - 0.5 C 2 6 .0 v output cu rrent C C 20 ma magnetic flux C C no limit g auss note 1 : absolute maximum ratings are the extreme limits that the device will withstand without damage to the device. however, the electrical and mechanical characteristics are not guaranteed as the maximum limits (above recommended operating conditions) are approached, nor will the device necessarily operate at absolute maximum ratings.
honeywell sensing and control 3 figure 1. sensor ic block diagram figure 2. typical magnetic characteristics vs amb ient temperature at supply voltage s figure 3. ss360nt and ss360st rated supply voltage vs temperature figure 4. magnetic activation ss360nt ss360st p r o g r a m m i n g c i r c u i t e s d c l a m p c o m p a r a t o r v s g n d o u t v r e g h a l l e s d c l a m p c u r r e n t s i n k i n g o u t p u t + + a m p l i f i e r +
ss360nt/ss360st/SS460S 4 www.honeywell.com/sensing f igure 5 . ss360nt/ss360st mounting and t ape / reel dimensions (for reference only. mm /[in] . ) tape reel figure 6 . SS460S mounting dimensions (for reference only. mm/[in] . ) 2 , 5 [ 0 . 1 0 0 ] 1 , 6 [ 0 . 0 6 2 ] 3 x 0 , 3 [ 0 . 0 1 5 ] 0 , 7 6 [ 0 . 0 3 ] 4 , 1 [ 0 . 1 6 1 ] 2 x 1 , 3 [ 0 . 0 5 0 ] 3 x 0 , 4 3 [ 0 . 0 1 7 ] 3 x 0 , 3 8 [ 0 . 0 1 5 ] 3 . 0 [ 0 . 1 1 8 ] g n d v s o u t 1 4 , 6 1 [ 0 . 5 7 5 ] n s 1 , 8 3 [ 0 . 0 7 2 ] 0 , 4 6 [ 0 . 0 1 8 ] n o m i n a l t o i c s e n s i n g s u r f a c e n o m i n a l i c c e n t e r
sensing and control honeywell 1 985 douglas drive north golden valley, mn 55422 www.honeywell.com/sensing 00 5947 - 1 - en june 2012 ? 2012 honeywell international inc . all rights reserved. o rder g uide catalog listing description ss360nt h igh s ensitivity b ipolar latch ing , digital hall - effect sensor ic , north po le activated, sot - 23 package , tape and reel packag ing (3 000 units per reel) ss360st h igh sensitivity bipolar latching , digital hall - effect sensor ic , south pole activated, sot - 23 package, tape and reel packaging (3000 units per reel) SS460S h igh s ensitiv ity bipolar latching, digital hall - effect sensor ic, south pole activated, flat to - 92 - style package, bulk packaging (1000 units per bag) warning personal injury do not use these products as safety or emergency stop devices or in any other applica tion where failure of the product could result in personal injury. failure to comply with these instructions could result in death or serious injury. w arranty/remedy honeywell warrants goods of its manufacture as being free of defective materials and fau lty workmanship. honeywells standard product warranty applies unless agreed to otherwise by honeywell in writing; please refer to your order acknowledgement or consult your local sales office for specific warranty details. if warranted goods are returned to honeywell during the period of coverage, honeywell will repair or replace, at its option, without charge those items it finds defective. the foregoing is buyers sole remedy and is in lieu of all other warranties, expressed or implied, including those o f merchantability and fitness for a particular purpose. in no event shall honeywell be liable for consequential, special, or indirect damages. while we provide application assistance personally, through our literature and the honeywell web site, it is up t o the customer to determine the suitability of the product in the application. specifications may change without notice. the information we supply is believed to be accurate and reliable as of this printing. however, we assume no responsibility for its use . warning misuse of documentat ion the information presented in this product sheet is for reference only. do not use this document as a product installation guide. complete installation, operation, and maintenance information is provided in the inst ructions supplied with each product. failure to comply with these instructions could result in death or serious injury. sales and service honeywell serves its customers through a worldwide network of sales offices, representatives and distributors. for a pplication assistance, current specifications, pricing or name of the nearest authorized distributor, contact your local sales office or: e - mail : info.sc@honeywell.com internet: www.honeywell.com/sensing phone and fax: asia pacific +65 6355 - 2828 +65 644 5 - 3033 fax europe +44 (0) 1698 481 481 +44 (0) 1698 481676 fax latin america +1 - 305 - 805 - 8188 +1 - 305 - 883 - 8257 fax usa/canada +1 - 800 - 537 - 6945 +1 - 815 - 235 - 6847 +1 - 815 - 235 - 6545 fax


▲Up To Search▲   

 
Price & Availability of SS460S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X